Part Number Hot Search : 
4AC13 1N4760A EL2171CS C1608 AAT3111 APT1003 2SA1783T GPC200F
Product Description
Full Text Search
 

To Download RSZ-3303HP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Regulated Converters
Selection Guide
Part Number SMD RSZ-xxxx Standard

1kVDC & 2kVDC Isolation UL94V-0 Package Material No Heatsink Required No External Components Required Toroidal Magnetics Optional Continuous Short Circuit Protected
ECONOLINE
DC/DC-Converter
RSZ/P Series
1 Watt SMD Miniature Isolated Single Output
2kVDC (H)
Input Voltage (VDC) 3.3, 5, 6, 7, 8, 9, 10, 11, 12, 13, 14, 15, 16, 17, 18, 19, 20, 21, 22, 23, 24, 25, 26, 27, 28
Output Voltage (VDC) 3, 4, 5, 6, 7, 8, 9, 10, 11, 12, 13, 14
Output Current (mA) Depending on Output Voltage 200
With Short Circuit Protection RSZ-xx03/P (H) 3.3, 5, 6, 7, 8, 9, 10, 11, 12, 13, 14, 15, 16, 17, 18, 19, 20, 21, 22, 23, 24, 25, 26, 27, 28 RSZ-xx3.3/P (H) 3.3, 5, 6, 7, 8, 9, 10, 11, 12, 13, 14, 15, 16, 17, 18, 19, 20, 21, 22, 23, 24, 25, 26, 27, 28 RSZ-xx4.85/P (H) 3.3, 5, 6, 7, 8, 9, 10, 11, 12, 13, 14, 15, 16, 17, 18, 19, 20, 21, 22, 23, 24, 25, 26, 27, 28 RSZ-xx05/P (H) 3.3, 5, 6, 7, 8, 9, 10, 11, 12, 13, 14, 15, 16, 17, 18, 19, 20, 21, 22, 23, 24, 25, 26, 27, 28 xx = Input Voltage
3
3.3
200
4.85
200
5
200
Ordering Example: RSZ-0514 (5VDC Input, 14VDC Output) RSZ-244.8/HP (with 24VDC input, 4.85VDC Output, 2kVDC Isolation and Continuous Short Circuit Protection)
Specifications (Core Operating Area)
Input Voltage Range Output Voltage Accuracy Line Voltage Regulation Load Voltage Regulation Output Ripple and Noise (at 20MHz BW) Operating Frequency Efficiency at Full Load No Load Power Consumption Isolation Voltage Rated Working Voltage Isolation Voltage Rated Working Voltage Isolation Capacitance Isolation Resistance Short Circuit Protection P-Suffix Operating Temperature Range (free air) Storage Temperature Range Reflow Temperature ROHS compliant (for more details see Application Notes) Relative Humidity H-Suffix H-Suffix (tested for 1 second) (long term isolation) (tested for 1 second) (long term isolation) 5% 2% 1% max. 1% max. 100mVp-p max. 20kHz min. / 50kHz typ. / 85kHz max. 50% min. / 60% typ. 134mW min. / 217mW typ. / 350mW max. 1000VDC min. see Application Notes 2000VDC min. see Application Notes
Output Power (%)
100 80 60 40 20 0 -40 0 50 85 100 150
Derating-Graph
(Ambient Temperature)
70pF typ. 10 G min. 1 Second Continuous -40C to +70C (see Graph) -55C to +125C 245C (30 sec) max. 95% RH continued on next page
Safe Operating Area
70
Operating Temperature C
26
July-2006
www.recom-international.com
ECONOLINE
DC/DC-Converter
Specifications (Core Operating Area)
Package Weight P-Suffix MTBF (+25C) (+70C) using MIL-HDBK 217F RSZ types Detailed Information see RSZ/P types
Application Notes chapter "MTBF"
RSZ/P Series
2.7g 2.6g 1210 x 103 hours 1688 x 103 hours 149 x 103 hours 418 x 103 hours
}
using MIL-HDBK 217F RSZ types RSZ/P types
Typical Characteristics
RSZ-xx3.3/P
Efficiency / Load
100 80 60 40 100 80
RSZ-xx05/P
Efficiency / Load 2405 1205
60 40
243.3
Efficiency %
20 0
123.3 053.3
0% 20% 40% 60% 80% 100%
Efficiency %
0505
20 0
Total Output current (%)
0% 20% 40% 60% Total Output current (%)
80%
100%
Efficiency / Load
100 80 60 40
RSZ-xx05
100
RSZ-xx12
Efficiency / Load
100 80 80 60
Efficiency / Load
RSZ-xx14
2414
3.305 1205
2412
60 40
Efficiency %
20 0
Efficiency %
Efficiency %
0505 2405
0% 20% 40% 60% Total Output current (%) 80% 100%
40 20 0
1212 0512
0% 20% 40% 60% 80% 100%
20 0
0514 1214
0% 20% 40% 60% 80% 100%
Total Output current (%)
Total Output current (%)
Package Style and Pinning (mm)
10 PIN Single SMD Package
15.24 14.84 7.05 1.65 9.00 2.54x4 8.60 10.00 11.80 9.30 9.00 10 7
RECOM RSZ-xxxx xxxx
3rd angle projection
12
Pin # 1
45
Function -Vin +Vin -Vout -Vout +Vout NC
Pin Connections
0.55
Bottom View
Recommended Footprint Details
10 7
2 4 5 7 10
12.70 1.20
Top View
12
45 1.80
2.54
1.20
NC= No Connection XX.X 0.5 mm XX.XX 0.25 mm
www.recom-international.com
July-2006
27


▲Up To Search▲   

 
Price & Availability of RSZ-3303HP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X